| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX547 Fiches technique(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX547 Fiches technique(HTML) 13 Page - Maxim Integrated Products |
|
13 / 16 page ![]() Octal, 13-Bit Voltage-Output DAC with Parallel Interface ______________________________________________________________________________________ 13 VDD REFCD REFAB REFEF REFGH 9, 37 10 3 43 36 VSS GND DAC LATCH A 8 11 7 VOUTA AGNDAB VOUTB DAC B INPUT LATCH A DAC LATCH B DAC A INPUT LATCH B DAC LATCH C 6 2 5 VOUTC AGNDCD VOUTD DAC D D12–D0 INPUT LATCH C DAC LATCH D DAC C INPUT LATCH D DAC LATCH E 41 44 40 VOUTE AGNDEF VOUTF DAC F INPUT LATCH E DAC LATCH F DAC E INPUT LATCH F DAC LATCH G 39 35 38 VOUTG AGNDGH VOUTH DAC H Pin numbers shown for PLCC package. 4, 42 34 12, 13 16, 18 32, 33 1 INPUT LATCH G DAC LATCH H DAC G INPUT LATCH H A0–A2 CLR LDAB LDCD LDEF LDGH CS WR 14 15 MAX547 CONTROL LOGIC DATA BUS _________________________________________________________Functional Diagram |