Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC3100 Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce CC3100
Description  CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC3100 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button CC3100_15 Datasheet HTML 17Page - Texas Instruments CC3100_15 Datasheet HTML 18Page - Texas Instruments CC3100_15 Datasheet HTML 19Page - Texas Instruments CC3100_15 Datasheet HTML 20Page - Texas Instruments CC3100_15 Datasheet HTML 21Page - Texas Instruments CC3100_15 Datasheet HTML 22Page - Texas Instruments CC3100_15 Datasheet HTML 23Page - Texas Instruments CC3100_15 Datasheet HTML 24Page - Texas Instruments CC3100_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
I2
I6
I7
I9
SWAS032-017
CLK
MISO
MOSI
I8
CC3100
www.ti.com
SWAS031D – JUNE 2013 – REVISED FEBRUARY 2015
Table 4-10. Host SPI Interface Timing Parameters (continued)
Parameter
Parameter(1)
Parameter Name
Min
Max
Unit
Number
I9
tOH
TX data hold time
24
ns
4.11.4.2 Flash SPI Interface Timing
Figure 4-14. Flash SPI Interface Timing
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
21
Submit Documentation Feedback
Product Folder Links: CC3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44