| Moteur de recherche de fiches techniques de composants électroniques |
|
S1721 Fiches technique(PDF) 33 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S1721 Fiches technique(HTML) 33 Page - Seiko Instruments Inc |
|
33 / 42 page ![]() SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.2.0_00 S-1721 Series Seiko Instruments Inc. 33 (b) S-1721 Series B type (e) S-1721 Series E type Product code Product code Product Name (1) (2) (3) Product Name (1) (2) (3) S-1721B1515-I6T1x S 3 A S-1721E1328-I6T1x S 5 A S-1721B1518-I6T1x S 3 B S-1721E1528-I6T1x S 5 B S-1721B1812-I6T1x S 3 C S-1721E1828-I6T1x S 5 D S-1721B1818-I6T1x S 3 D S-1721E1833-I6T1x S 5 L S-1721B2818-I6T1x S 3 E S-1721E2518-I6T1x S 5 E S-1721B2J2J-I6T1x S 3 F S-1721E2525-I6T1x S 5 F S-1721E2530-I6T1x S 5 O (c) S-1721 Series C type S-1721E2818-I6T1x S 5 G Product code S-1721E2833-I6T1x S 5 H Product Name (1) (2) (3) S-1721E2J25-I6T1x S 5 K S-1721C2J2J-I6T1x S 4 A S-1721E2J2J-I6T1x S 5 I S-1721E3012-I6T1x S 5 S (d) S-1721 Series D type S-1721E3025-I6T1x S 5 P Product code S-1721E3033-I6T1x S 5 J Product Name (1) (2) (3) S-1721D1818-I6T1x S 4 T S-1721D3318-I6T1x S 4 S Remark 1. Please contact our sales office for products with specifications other than the above. 2. x: G or U 3. Please select products of environmental code = U for Sn 100%, halogen-free products. |