Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCLTA-21 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce PCLTA-21
Description  PCLTA-21 PCI Network Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

PCLTA-21 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  PCLTA-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCLTA-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCLTA-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.echelon.com
®
The MIP mode of the PCLTA-21 adapter is
used with applications based on OpenLDV.
In both NSI and MIP modes, the adapter
permits the host PC to act as a LonWorks
application device, such that the PC is run-
ning application-specific programs while
the adapter handles lower layer functions
such as media access control, collision
avoidance, message validation, authentica-
tion, and priority processing. The host ap-
plication, including its network variables,
can be changed at any time without modi-
fying the adapter.
Firmware for the adapter is downloaded
from the host PC by the PCLTA-21 driver.
This allows the adapter to be updated as
new versions of firmware are released,
without modifying or physically accessing
the PCLTA-21 adapter. This feature extends
the useful
service life of the adapter, and minimizes
the cost and time associated with software
and firmware updates.



Html Pages

1 2 3