| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX5270 Fiches technique(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX5270 Fiches technique(HTML) 13 Page - Maxim Integrated Products |
|
13 / 13 page ![]() Octal, 13-Bit Voltage-Output DAC with Parallel Interface Driving Capacitive Loads The MAX5270 typically drives capacitive loads up to 0.01µF without a series output resistor. However, when- ever driving high capacitive loads, it is prudent to use a 220 Ω series resistor between the MAX5270 output and the capacitive load. Chip Information TRANSISTOR COUNT: 10,973 Package Information Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 13 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 © 2001 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. |