Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2981 Fiches technique(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP2981
Description  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LP2981 Fiches technique(HTML) 12 Page - Texas Instruments

Back Button LP2981 Datasheet HTML 8Page - Texas Instruments LP2981 Datasheet HTML 9Page - Texas Instruments LP2981 Datasheet HTML 10Page - Texas Instruments LP2981 Datasheet HTML 11Page - Texas Instruments LP2981 Datasheet HTML 12Page - Texas Instruments LP2981 Datasheet HTML 13Page - Texas Instruments LP2981 Datasheet HTML 14Page - Texas Instruments LP2981 Datasheet HTML 15Page - Texas Instruments LP2981 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2981-28DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LP2981-28DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981-28DBVT
SOT-23
DBV
5
250
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981-28DBVTG4
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LP2981-29DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981-29DBVT
SOT-23
DBV
5
250
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981-30DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981-30DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LP2981-30DBVT
SOT-23
DBV
5
250
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981-33DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LP2981-33DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981-33DBVT
SOT-23
DBV
5
250
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981-33DBVTG4
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LP2981-50DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981-50DBVT
SOT-23
DBV
5
250
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981A-28DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LP2981A-28DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
LP2981A-28DBVT
SOT-23
DBV
5
250
180.0
9.2
3.17
3.23
1.37
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Dec-2014
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17