Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QBLP651-R Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce QBLP651-R
Description  IR Chip LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP651-R Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button QBLP651-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 13Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
QBLP651 Series
1206 LED with Inner Lens
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP651_series
Date: October 16, 2014
Page 13 of 14
Version# 1.2
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP651-IW
QBLP651-IW
IV=320mcd typ. @ IF=20mA
3,000 pcs
QBLP651-IB
QBLP651-IB
IV=550mcd typ. @ IF=20mA
3,000 pcs
QBLP651-IG
QBLP651-IG
IV=2700mcd typ. @ IF=20mA
3,000 pcs
QBLP651-R
QBLP651-R
IV=600mcd typ. @ IF=20mA
3,000 pcs
QBLP651-AG
QBLP651-AG
IV=150mcd typ. @ IF=20mA
3,000 pcs
QBLP651-Y
QBLP651-Y
IV=660mcd typ. @ IF=20mA
3,000 pcs
QBLP651-O
QBLP651-O
IV=450mcd typ. @ IF=20mA
3,000 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14