Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QBLP650-R Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce QBLP650-R
Description  LED with Lens
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP650-R Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  QBLP650-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP650-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QBLP650 series
1206 LED
Product: QBLP650 series
Date: June 15, 2011
Page 2 of 8
Version# 2.2
Electrical / Optical Characteristic:
(T=25 oC)
Product
Color
IF(mA)
VF(V)
λ(nm)
IV(mcd)
Typ.
Max.
Min.
Max
△λ
Min.
Typ.
QBLP650-IB
Blue
20
3.3
3.7
465
475
30
25
45
QBLP650-IG
Green
20
3.3
3.7
520
530
30
250
400
QBLP650-IW
White
20
3.3
3.7
X=0.29
Y=0.30
-
-
160
250
QBLP650-R
Red
20
2.0
2.4
620
630
25
80
110
QBLP650-AG
Yellow Green
20
2.0
2.4
565
575
20
20
45
QBLP650-Y
Yellow
20
2.0
2.4
585
595
20
63
125
QBLP650-O
Orange
20
2.0
2.4
601
611
20
125
180
Absolute Maximum Rating:
Emit Color
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
IB/IG/IW
120
30
100
5
-40 ~ +85
-40 ~ +90
260
R/AG/Y/O
75
30
60
5
-40 ~ +85
-40 ~ +90
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 10 sec @ 260
oC



Html Pages

1 2 3 4 5 6 7 8