Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QBLP610-R Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce QBLP610-R
Description  LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP610-R Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  QBLP610-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP610-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QBLP610 _series
1206 LED
Product: QBL610_series
Date: June 25, 2011
Page 2 of 8
Version# 2.2
Electrical / Optical Characteristic (T=25 oC)
Product
Color
IF(mA)
VF(V)
λD (nm)
IV(mcd)
Typ.
max
Min.
Typ.
Max.
Min.
Typ.
QBLP610-IW
White
20
3.1
3.6
X = 0.30
Y = 0.31
--
--
125
320
QBLP610-IB
Blue
20
3.1
3.6
465
470
475
60
100
QBLP610-IG
True Green
20
3.1
3.6
520
525
530
320
400
QBLP610-R
Red
20
2.0
2.4
625
630
635
22
85
QBLP610-AG
Yellow Green
20
2.0
2.4
564
570
576
25
50
QBLP610-Y
Yellow
20
2.0
2.4
585
590
595
80
170
Absolute Maximum Rating
Part #
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
InGaN ( IW/IB/IG )
108
30
100
5
-40 ~ +85 -40 ~ +100
260
AlInGaP ( R/AG/Y )
75
30
100
5
-40 ~ +85 -40 ~ +100
260
*Duty 1/10 @ 10KHz
** IR Reflow for no more than 10 sec @ 260
oC



Html Pages

1 2 3 4 5 6 7 8