Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SK560SC Fiches technique(PDF) 5 Page - Cystech Electonics Corp.

No de pièce SK560SC
Description  5.0Amp. Surface Mount Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK560SC Fiches technique(HTML) 5 Page - Cystech Electonics Corp.

  SK560SC Datasheet HTML 1Page - Cystech Electonics Corp. SK560SC Datasheet HTML 2Page - Cystech Electonics Corp. SK560SC Datasheet HTML 3Page - Cystech Electonics Corp. SK560SC Datasheet HTML 4Page - Cystech Electonics Corp. SK560SC Datasheet HTML 5Page - Cystech Electonics Corp. SK560SC Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C337SC
Issued Date : 2011.03.10
Revised Date : 2013.05.22
Page No. : 5/6
SK520SC-SK5100SC
CYStek Product Specification
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak
temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6