| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX4532C/D Fiches technique(PDF) 15 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX4532C/D Fiches technique(HTML) 15 Page - Maxim Integrated Products |
|
15 / 16 page ![]() Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching ______________________________________________________________________________________ 15 ___________________________________________Truth Table/Switch Programming EN1 ADDC* 0 0 X LE X X X X 1 X 1 0 0 1 0 0 1 0 0 1 0 0 1 0 1 1 0 1 1 0 1 1 0 1 1 EN2 0 X 1 1 1 1 1 1 1 1 ON SWITCHES MAX4530 Last address All switches open All switches open COM–NO3 COM–NO2 COM–NO1 COM–NO0 COM–NO7 COM–NO6 COM–NO5 COM–NO4 ADDRESS BITS ADDA X X X 1 0 1 0 1 0 1 0 ADDB X X X 1 1 0 0 1 1 0 0 MAX4531 Last address All switches open All switches open COMA–NO3A, COMB–NO3B COMA–NO2A, COMB–NO2B COMA–NO1A, COMB–NO1B COMA–NO0A, COMB–NO0B COMA–NO3A, COMB–NO3B COMA–NO2A, COMB–NO2B COMA–NO1A, COMB–NO1B COMA–NO0A, COMB–NO0B MAX4532 Last address All switches open All switches open COMA–NOA, COMB–NOB, COMC–NCC COMA–NCA, COMB–NOB, COMC–NCC COMA–NOA, COMB–NCB, COMC–NCC COMA–NCA, COMB–NCB, COMC–NCC COMA–NOA, COMB–NOB, COMC–NOC COMA–NCA, COMB–NOB, COMC–NOC COMA–NOA, COMB–NCB, COMC–NOC COMA–NCA, COMB–NCB, COMC–NOC X = Don’t Care * ADDC not present on MAX4531. Note: NO_ and COM_ pins are identical and interchangeable. Either may be considered an input or an output; signals pass equally well in either direction. LE is independent of EN1 and EN2. |