Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT600 Fiches technique(PDF) 21 Page - Future Technology Devices International Ltd.

No de pièce FT600
Description  The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT600 Fiches technique(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT600 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT600 Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Copyright © 2015 Future Technology Devices International Limited
21
DS_FT600Q-FT601Q IC Datasheet/FT601 USB 3.0 to FIFO Bridge
Version 1.01
Document No.: FT_001118 Clearance No.: FTDI#424
7 Application Example
The following sections illustrate possible applications of the FT60x. The illustrations have omitted pin
numbers for ease of understanding since the pins differ between the FT600Q and FT601Q package
options.
7.1 FT600/FT601 Connect to FIFO Master Interface
Figure 7.1 FT600/FT601 Connect to FIFO Master Interface (Multi-Channel FIFO Mode)
Figure 7.2 FT600/FT601 Connect to FIFO Master Interface (245 Synchronous FIFO Mode)
A typical example of using the FT600/FT601 as a USB3.0 to FIFO Master interface is illustrated in Figure
7.1. and Figure 7.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29