Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX4172ESA Fiches technique(PDF) 2 Page - Maxim Integrated Products

No de pièce MAX4172ESA
Description  Low-Cost, Precision, High-Side Current-Sense Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4172ESA Fiches technique(HTML) 2 Page - Maxim Integrated Products

  MAX4172ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TA = 0°C to +85°C
Low-Cost, Precision, High-Side
Current-Sense Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +3V to +32V; RS+, RS- = 0V to 32V; TA = TMIN to TMAX; unless otherwise noted. Typical values are at V+ = +12V, RS+ = 12V,
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+, RS+, RS-,
PG ...................................................-0.3V to +36V
OUT ..............................................................-0.3V to (V+ + 0.3V)
Differential Input Voltage, VRS+ - VRS-............................±700mV
Current into Any Pin..........................................................±50mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ..........................471mW
µMAX (derate 4.10mW/°C above +70°C) .....................330mW
Operating Temperature Range
MAX4172E_A ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
IOUT = 0mA
3V
≤ V+ ≤ 32V, VRS+ > 2.0V
VSENSE = 100mV, V+ = 12V,
VRS+ = 12V
VSENSE = 6.25mV, V+ = 12V,
VRS+ = 12V (Note 1)
V+ = 12V, VRS+ = 12V
VRS+ ≤ 2.0V
2.0V < VRS+ < 32V
CONDITIONS
µA/V
0.03
∆IOUT / ∆VRS+
OUT Common-Mode
Rejection Ratio
mA
0.8
1.6
IV+
Supply Current
V
032
VRS-
V
332
V+
Operating Voltage Range
Input Voltage Range
µA/V
0.2
∆IOUT / ∆V+
OUT Power-Supply
Rejection Ratio
±20
µA
±8.0
Low-Level Current Error
±0.1
±0.75
4
mV
150
175
Maximum VSENSE Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VRS+ > 2.0V, IOUT = 0mA
VRS+ ≤ 2.0V, IOUT = 0mA
0
27
42.5
µA
-325
42.5
IRS+
Positive Input Bias Current
VRS+ > 2.0V
VRS+ ≤ 2.0V
050
85
µA
-650
85
IRS-
Negative Input Bias Current
MAX4172ESA,
TA = -40°C to 0°C
MAX4172ESA
MAX4172ESA
VOS
Input Offset Voltage
mV
MAX4172EUA
±0.2
±1.6
MAX4172EUA
±15
MAX4172EUA,
TA = -40°C to 0°C
±50
MAX4172EUA,
TA = 0°C to +85°C
µA
Output Current Error
±15
MAX4172ESA,
TA = 0°C to +85°C
±10



Html Pages

1 2 3 4 5 6 7 8