Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX378MLP Fiches technique(PDF) 1 Page - Maxim Integrated Products

No de pièce MAX378MLP
Description  High-Voltage, Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX378MLP Fiches technique(HTML) 1 Page - Maxim Integrated Products

  MAX378MLP Datasheet HTML 1Page - Maxim Integrated Products MAX378MLP Datasheet HTML 2Page - Maxim Integrated Products MAX378MLP Datasheet HTML 3Page - Maxim Integrated Products MAX378MLP Datasheet HTML 4Page - Maxim Integrated Products MAX378MLP Datasheet HTML 5Page - Maxim Integrated Products MAX378MLP Datasheet HTML 6Page - Maxim Integrated Products MAX378MLP Datasheet HTML 7Page - Maxim Integrated Products MAX378MLP Datasheet HTML 8Page - Maxim Integrated Products MAX378MLP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX378 8-channel single-ended (1-of-8) multiplexer
and the MAX379 4-channel differential (2-of-8) multiplexer
use a series N-channel/P-channel/N-channel structure to
provide significant fault protection. If the power supplies to
the MAX378/MAX379 are inadvertently turned off while
input voltages are still applied,
all channels in the muxes
are turned off, and only a few nanoamperes of leakage cur-
rent will flow into the inputs. This protects not only the
MAX378/MAX379 and the circuitry they drive, but also the
sensors or signal sources that drive the muxes.
The series N-channel/P-channel/N-channel protection
structure has two significant advantages over the simple
current-limiting protection scheme of the industry’s first-
generation fault-protected muxes. First, the Maxim protec-
tion scheme limits fault currents to nanoamp leakage
values rather than many milliamperes. This prevents dam-
age to sensors or other sensitive signal sources. Second,
the MAX378/MAX379 fault-protected muxes can withstand
a
continuous ±60V input, unlike the first generation, which
had a continuous ±35V input limitation imposed by power
dissipation considerations.
All digital inputs have logic thresholds of 0.8V and 2.4V,
ensuring both TTL and CMOS compatibility without requir-
ing pull-up resistors. Break-before-make operation is
guaranteed. Power dissipation is less than 2mW.
________________________Applications
Data Acquisition Systems
Industrial and Process Control Systems
Avionics Test Equipment
Signal Routing Between Systems
____________________________Features
o Fault Input Voltage ±75V with Power Supplies Off
o Fault Input Voltage ±60V with ±15V Power Supplies
o All Switches Off with Power Supplies Off
o On Channel Turns OFF if Overvoltage Occurs on
Input or Output
o Only Nanoamperes of Input Current Under All
Fault Conditions
o No Increase in Supply Currents Due to Fault
Conditions
o Latchup-Proof Construction
o Operates from ±4.5V to ±18V Supplies
o All Digital Inputs are TTL and CMOS Compatible
o Low-Power Monolithic CMOS Design
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for availability.
**The substrate may be allowed to float or be tied to V+ (JI CMOS).
High-Voltage, Fault-Protected
Analog Multiplexers
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
A2
GND
V+
IN1
V-
EN
A0
TOP VIEW
MAX378
IN5
IN6
IN7
IN8
OUT
IN4
IN3
IN2
DIP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
GND
V+
IN1B
IN1A
V-
EN
A0
MAX379
IN2B
IN3B
IN4B
OUTB
OUTA
IN4A
IN3A
IN2A
DIP
__________________________________________________________Pin Configurations
Call toll free 1-800-998-8800 for free samples or literature.
19-1902; Rev 1; 8/94
PART
MAX378CPE
MAX378CWG
MAX378CJE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
24 Wide SO
16 CERDIP
MAX378EPE
MAX378EWG
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
24 Wide SO
MAX378EJE
MAX378MJE
-55°C to +125°C
-40°C to +85°C
16 CERDIP
16 CERDIP
MAX378MLP
-55°C to +125°C
20 LCC*
Pin Configurations continued at end of data sheet.
MAX378C/D
0°C to +70°C
Dice**


Numéro de pièce similaire - MAX378MLP

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM MAXIM-MAX3783UCM Datasheet
198Kb / 8P
2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM+ MAXIM-MAX3783UCM+ Datasheet
198Kb / 8P
2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results

Description similaire - MAX378MLP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADG438F AD-ADG438F Datasheet
127Kb / 8P
High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV.D
ADG508F AD-ADG508F Datasheet
170Kb / 12P
4/8 Channel Fault-Protected Analog Multiplexers
REV.C
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
Fault-Protected Analog Multiplexers
Rev. 2; 9/96
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
logo
Analog Devices
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com