Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9DB233 Fiches technique(PDF) 13 Page - Integrated Circuit Systems

No de pièce 9DB233
Description  SMBus Interface; allows control of PLL BW and Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB233 Fiches technique(HTML) 13 Page - Integrated Circuit Systems

Back Button 9DB233 Datasheet HTML 9Page - Integrated Circuit Systems 9DB233 Datasheet HTML 10Page - Integrated Circuit Systems 9DB233 Datasheet HTML 11Page - Integrated Circuit Systems 9DB233 Datasheet HTML 12Page - Integrated Circuit Systems 9DB233 Datasheet HTML 13Page - Integrated Circuit Systems 9DB233 Datasheet HTML 14Page - Integrated Circuit Systems 9DB233 Datasheet HTML 15Page - Integrated Circuit Systems 9DB233 Datasheet HTML 16Page - Integrated Circuit Systems 9DB233 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
9DB233
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
IDT®
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
13
9DB233
REV E 021914
Marking Diagrams
20-pin SSOP
20-pin TSSOP
Notes:
1. “LOT” is the lot number.
2. “YYWW” is the last two digits of the year and week that the part was assembled.
3. “L” or “LF” denotes RoHS compliant package.
4. “I” denotes industrial temperature.
5. Bottom marking: country of origin if not USA.
9DB233AFILF
LOT
YYWW
9DB233AFLF
LOT
YYWW
LOT
YYWW
9DB233AIL
ICS
LOT
YYWW
9DB233AGL
ICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17