Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IR21571 Fiches technique(PDF) 10 Page - International Rectifier

No de pièce IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Fiches technique(HTML) 10 Page - International Rectifier

Back Button IR21571_15 Datasheet HTML 6Page - International Rectifier IR21571_15 Datasheet HTML 7Page - International Rectifier IR21571_15 Datasheet HTML 8Page - International Rectifier IR21571_15 Datasheet HTML 9Page - International Rectifier IR21571_15 Datasheet HTML 10Page - International Rectifier IR21571_15 Datasheet HTML 11Page - International Rectifier IR21571_15 Datasheet HTML 12Page - International Rectifier IR21571_15 Datasheet HTML 13Page - International Rectifier IR21571_15 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IR21571(S) & (PbF)
10
www.irf.com
Figure 5: Deadtime versus RDT
During the Startup Mode, the operating frequency is
determined by the parallel combination of RPH,
RSTART, and RT, combined with the values of CSTART,
CT and RDT , as shown in Figure 6. This frequency is
normally chosen to ensure that the instantaneous
voltage across the lamp during the first few cycles of
operation does not exceed the strike potential of the
lamp. As the voltage across CSTART charges up to the
RT lead voltage, the output frequency exponentially
decays to the preheat frequency.
During the Preheat Mode, the operating frequency
is determined by the parallel combination of RPH and
RT, combined with the value of CT and RDT. This
frequency, along with the Preheat Time, is normally
chosen to ensure that adequate heating of the lamp
filaments occur. Typically, a 4.5:1 ratio of the hot
filament-to-cold filament resistance is desired for
maximum lamp life, as shown in Figure 7.
Figure 6: Oscillator section block diagram with external component connection
0.1
1
10
1
10
100
RDT (Kohms)
tDEAD
(usec)
CT = 220 pF
CT = 470 pF
CT = 1 nF
2
4.0V
5.1V
3
5
7.6V
1.0uA
4
2.0V
I
RT
6
I
CT = IRT
7
4.0V
2.0V
CPH
RPH
RT
RUN
CT
DT
Q
S
R2 Q
R1
UNDER-
VOLTAGE
DETECT
C
PH
C
IGN
R
T
C
START RSTART
C
T
R
DT
R
PH
R
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com