| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX312C/D Fiches technique(PDF) 8 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX312C/D Fiches technique(HTML) 8 Page - Maxim Integrated Products |
|
8 / 12 page ![]() 10 Ω, Quad, SPST, CMOS Analog Switches 8 _______________________________________________________________________________________ 50% 0.9V01 +3V 0V 0V LOGIC INPUT SWITCH OUTPUT 2 (VO2) 0V 0.9V02 tD tD LOGIC INPUT V- -15V RL2 GND CL INCLUDES FIXTURE AND STRAY CAPACITANCE. COM_ IN_ VL COM_ VO2 V+ +5V +15V CL2 VCOM1 = +10V VCOM2 = +10V RL1 VO1 CL1 RL = 300Ω CL = 35pF NO_ NC_ SWITCH OUTPUT 1 (VO1) MAX314 Figure 3. Break-Before-Make Test Circuit (MAX314 only) VGEN GND NC OR NO CL VO -15V V- V+ VO VIN OFF ON OFF ∆VO Q = ( ∆VO)(CL) COM +5V VIN DEPENDS ON SWITCH CONFIGURATION; INPUT POLARITY DETERMINED BY SENSE OF SWITCH. OFF ON OFF VIN VIN = +3V +15V RGEN IN VL MAX312 MAX313 MAX314 Figure 4. Charge Injection Test Circuit |