Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IR1167AS Fiches technique(PDF) 13 Page - International Rectifier

No de pièce IR1167AS
Description  Secondary side high speed SR controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IR1167AS Fiches technique(HTML) 13 Page - International Rectifier

Back Button IR1167AS Datasheet HTML 9Page - International Rectifier IR1167AS Datasheet HTML 10Page - International Rectifier IR1167AS Datasheet HTML 11Page - International Rectifier IR1167AS Datasheet HTML 12Page - International Rectifier IR1167AS Datasheet HTML 13Page - International Rectifier IR1167AS Datasheet HTML 14Page - International Rectifier IR1167AS Datasheet HTML 15Page - International Rectifier IR1167AS Datasheet HTML 16Page - International Rectifier IR1167AS Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
IR1167(A,B)S
13
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
Figure 2: Primary and secondary currents and voltages for DCM mode
Figure 3: Primary and secondary currents and voltages for CrCM mode
CCM Turn-off phase
In CCM mode the turn off transition is much steeper and dI/dt involved is much higher. The turn on phase is identical to DCM
or CrCM and therefore won’t be repeated here.
During the SR FET conduction phase the current will decay linearly, and so will VDS on the SR FET.
Once the primary switch will start to turn back on, the SR FET current will rapidly decrease crossing VTH1 and turning the gate
off. The turn off speed is critical to avoid cross conduction on the primary side and reduce switching losses.
Also in this case a blanking period will be applied, but given the very fast nature of this transition, it will be reset as soon as
VDS crosses VTH3.
IPRIM
ISEC
VSEC
VPRIM
time
time
T1
T2
T3
IPRIM
ISEC
VSEC
VPRIM
time
time
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25