Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AUIR08152S Fiches technique(PDF) 11 Page - International Rectifier

No de pièce AUIR08152S
Description  BUFFER GATE DRIVER INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

AUIR08152S Fiches technique(HTML) 11 Page - International Rectifier

Back Button AUIR08152S Datasheet HTML 5Page - International Rectifier AUIR08152S Datasheet HTML 6Page - International Rectifier AUIR08152S Datasheet HTML 7Page - International Rectifier AUIR08152S Datasheet HTML 8Page - International Rectifier AUIR08152S Datasheet HTML 9Page - International Rectifier AUIR08152S Datasheet HTML 10Page - International Rectifier AUIR08152S Datasheet HTML 11Page - International Rectifier AUIR08152S Datasheet HTML 12Page - International Rectifier AUIR08152S Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AUIR08152S
11
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
August. 27, 2014
Part Marking Information
Qualification Information
†
Qualification Level
Automotive
(per AEC-Q100)
Comments: This family of ICs has passed an
Automotive qualification.
IR’s Industrial and
Consumer qualification level is granted by extension
of the higher Automotive level.
Moisture Sensitivity Level
SOIC8N
MSL2
†† 260°C
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class M2 (+/-200V)
(per AEC-Q100-003)
Human Body Model
Class H2 (+/-2500V)
(per AEC-Q100-002)
Charged Device Model
Class C4 (Pass +/-1000V)
(per AEC-Q100-011)
IC Latch-Up Test
Class II, Level A
(per AEC-Q100-004)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher MSL ratings may be available for the specific package types listed here.
Please contact your International Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13