| Moteur de recherche de fiches techniques de composants électroniques |
|
AN753 Fiches technique(PDF) 15 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
AN753 Fiches technique(HTML) 15 Page - Maxim Integrated Products |
|
15 / 24 page ![]() Low-Cost Precision Sensor Signal Conditioner ______________________________________________________________________________________ 15 The EV kit is designed to facilitate manual program- ming of the MAX1452 with a sensor. It includes the fol- lowing: 1) Evaluation Board with or without a silicon pressure sensor, ready for customer evaluation. 2) Design/Applications Manual, which describes in detail the architecture and functionality of the MAX1452. This manual was developed for test engineers familiar with data acquisition of sensor data and provides sensor compensation algorithms and test procedures. 3) MAX1452 Communication Software, which enables programming of the MAX1452 from a computer keyboard (IBM compatible), one module at a time. 4) Interface Adapter, which allows the connection of the evaluation board to a PC serial port. VOUT VDD MODULE 1 DATA DATA VSS VSS VDD VDD VSS TEST OVEN VOUT MODULE 2 VOUT DIGITAL MULTIPLEXER +5V DIO[1:N] DIO1 DIO2 DION VOUT MODULE N DVM Figure 7. Automated Test System Concept |