| Moteur de recherche de fiches techniques de composants électroniques |
|
IRGS4630DPBF Fiches technique(PDF) 11 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRGS4630DPBF Fiches technique(HTML) 11 Page - International Rectifier |
|
11 / 15 page ![]() IRGS/B/P4630D/EPbF 11 www.irf.com © 2014 International Rectifier Submit Datasheet Feedback November 18, 2014 L O T CO DE 1 7 8 9 E X A M P L E : T H IS IS A N IR F 1010 N o t e : "P " in a s s e m b ly lin e p o s it io n in d ic at es "L ead - F r ee " IN T H E A SSE M B L Y L IN E "C " A S S E M B L E D O N W W 19, 2000 IN T E R N A T IO N A L PAR T N U M B ER R E C T IF IE R LO T C O D E AS S E M B L Y LO G O Y E A R 0 = 2000 DA T E C O DE WE E K 1 9 LIN E C TO-220AB package is not recommended for Surface Mount Application. Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ TO-220AB Part Marking Information TO-220AB Package Outline (Dimensions are shown in millimeters (inches)) |