Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SET Fiches technique(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

No de pièce SET
Description  Load Life : 125C 2000 hours
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERITEK [MERITEK ELECTRONICS CORPORATION]
Site Internet  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SET Fiches technique(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  SET Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SET Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SET Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SET Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SET Series
(Extended Temperature)
RoHS
TAPING
D x L
W
±0.3
A
±0.2
B
±0.2
P0
±0.1
P1
±0.1
P2
±0.1
F
±0.1
ØD0
±0.1
t1
±0.1
E
±0.1
t2
±0.2
Ø4x5.4
12.0
4.7
4.7
4.0
8.0
2.0
5.5
1.5
0.4
1.75
5.7
Ø5x5.4
12.0
5.7
5.7
4.0
12.0
2.0
5.5
1.5
0.4
1.75
5.7
Ø6.3x5.4
16.0
7.0
7.0
4.0
12.0
2.0
7.5
1.5
0.4
1.75
5.7
Ø4x5.8
12.0
4.7
4.7
4.0
8.0
2.0
5.5
1.5
0.4
1.75
6.3
Ø5x5.8
12.0
5.7
5.7
4.0
12.0
2.0
5.5
1.5
0.4
1.75
6.4
Ø6.3x5.8
16.0
7.0
7.0
4.0
12.0
2.0
7.5
1.5
0.4
1.75
6.4
Ø6.3x7.7
16.0
7.0
7.0
4.0
12.0
2.0
7.5
1.5
0.4
1.75
8.2
Ø8x6.2
16.0
8.7
8.7
4.0
12.0
2.0
7.5
1.5
0.4
1.75
6.8
Ø8x10.2
24.0
8.7
8.7
4.0
16.0
2.0
11.5
1.5
0.4
1.75
11.0
Ø10x10.2
24.0
10.7
10.7
4.0
16.0
2.0
11.5
1.5
0.4
1.75
11.0
PACKAGE
D x L
A
±2.0
B
MIN
C
±0.5
D
±0.8
E
±0.5
W
±1.0
T
±1.0
t
±0.5
Ø4 Ø5
380
50
13
21
2.0
14.0
20.0
3.0
Ø6.3
380
50
13
21
2.0
18.0
24.0
3.0
Ø8x6.2
380
50
13
21
2.0
18.0
24.0
3.0
Ø8x10.2
380
50
13
21
2.0
26.0
32.0
3.0
Ø10x10.2
380
50
13
21
2.0
26.0
32.0
3.0



Html Pages

1 2 3 4