Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP110G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce TIP110G
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP110G Fiches technique(HTML) 3 Page - ON Semiconductor

  TIP110G Datasheet HTML 1Page - ON Semiconductor TIP110G Datasheet HTML 2Page - ON Semiconductor TIP110G Datasheet HTML 3Page - ON Semiconductor TIP110G Datasheet HTML 4Page - ON Semiconductor TIP110G Datasheet HTML 5Page - ON Semiconductor TIP110G Datasheet HTML 6Page - ON Semiconductor TIP110G Datasheet HTML 7Page - ON Semiconductor TIP110G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TIP110, TIP111, TIP112 (NPN); TIP115, TIP116, TIP117 (PNP)
www.onsemi.com
3
Figure 1. Darlington Circuit Schematic
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 120
BASE
EMITTER
COLLECTOR
≈ 8.0 k
≈ 120
ORDERING INFORMATION
Device
Package
Shipping
TIP110
TO−220
50 Units / Rail
TIP110G
TO−220
(Pb−Free)
50 Units / Rail
TIP111
TO−220
50 Units / Rail
TIP111G
TO−220
(Pb−Free)
50 Units / Rail
TIP112
TO−220
50 Units / Rail
TIP112G
TO−220
(Pb−Free)
50 Units / Rail
TIP115
TO−220
50 Units / Rail
TIP115G
TO−220
(Pb−Free)
50 Units / Rail
TIP116
TO−220
50 Units / Rail
TIP116G
TO−220
(Pb−Free)
50 Units / Rail
TIP117
TO−220
50 Units / Rail
TIP117G
TO−220
(Pb−Free)
50 Units / Rail
0
0
20
40
60
80
100
120
160
Figure 2. Power Derating
T, TEMPERATURE (
°C)
40
20
60
140
TC
0
2.0
1.0
3.0
TA
TA
TC



Html Pages

1 2 3 4 5 6 7 8