Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP78071 Fiches technique(PDF) 14 Page - Lowpower Semiconductor inc

No de pièce LP78071
Description  Programmable Charge Current Up to 1000mA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER [Lowpower Semiconductor inc]
Site Internet  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78071 Fiches technique(HTML) 14 Page - Lowpower Semiconductor inc

Back Button LP78071 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 9Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 10Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 11Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 12Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 13Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 14Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 15Page - Lowpower Semiconductor inc LP78071 Datasheet HTML 16Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Preliminary Datasheet
LP78071
LP78071 – 00 Version 1.0 Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com Page 14 of 16
PCB Layout Considerations
It is important to pay special attention to the PCB layout. The following provides some guidelines:
• To obtain optimal performance, the decoupling capacitor from Vin to GND and the output filter capacitors from OUT to GND
should be placed as close as possible to the LP78071, with short trace runs to GND pins.
• All low-current GND connections should be kept separate from the high-current charge or discharge paths from the battery.
Use a single-point ground technique incorporating both the small-signal ground path and the power ground path.
• The high-current charge paths into IN and from the OUT pins must be sized appropriately for the maximum charge current in
order to avoid voltage drops in these traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16