| Moteur de recherche de fiches techniques de composants électroniques |
|
MS48P35 Fiches technique(PDF) 1 Page - Bruckewell Technology LTD |
|
|
|||||||||||||||||||||||||||||
MS48P35 Fiches technique(HTML) 1 Page - Bruckewell Technology LTD |
|
1 / 6 page ![]() MS48P35 P-Channel 30-V (D-S) MOSFET Publication Order Number: [MS48P35] © Bruckewell Technology Corporation Rev. A -2014 Description These miniature surface mount MOSFETs utilize a high cell density trench process to provide low RDS(on) and to ensure minimal power loss and heat dissipation. Typical applications are DC-DC converters and power management in portable and battery-powered products such as computers, printers, and PCMCIA cards, cellular and cordless telephones. Features • Low rDS(on) trench technology • Low thermal impedance • Fast switching speed • RoHS compliant package Typical Applications: • White LED boost converters • Automotive Systems • Industrial DC/DC Conversion Circuits Packing & Order Information 3,000/Reel Graphic symbol |
Numéro de pièce similaire - MS48P35 |
|
Description similaire - MS48P35 |