Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PYA28C64-35CWM Fiches technique(PDF) 9 Page - Pyramid Semiconductor Corporation

No de pièce PYA28C64-35CWM
Description  Access Times of 150, 200, 250 and 350ns Fast Byte Write (200us or 1 ms)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PYRAMID [Pyramid Semiconductor Corporation]
Site Internet  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C64-35CWM Fiches technique(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button PYA28C64-35CWM Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C64-35CWM Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C64-35CWM Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C64-35CWM Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C64-35CWM Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C64-35CWM Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C64-35CWM Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C64-35CWM Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C64-35CWM Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PYA28C64 - 8K x 8 EEPROM
Page 9
Document # EEPROM105 REV B
SIDE BRAZED DUAL IN-LINE PACKAGE (600 mils)
Pkg #
L6
# Pins
32
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D
0.442
0.458
D1
0.300 BSC
D2
0.150 BSC
D3
-
0.458
E
0.540
0.560
E1
0.400 BSC
E2
0.200 BSC
E3
-
0.558
e
0.050 BSC
h
0.040 REF
j
0.020 REF
L
0.045
0.055
L1
0.045
0.055
L2
0.075
0.095
ND
7
NE
9
RECTANGULAR LEADLESS CHIP CARRIER
Pkg #
C5-1
# Pins
28 (600 mil)
Symbol
Min
Max
A
-
0.232
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.490
E
0.500
0.610
eA
0.600 BSC
e
0.100 BSC
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
S2
0.005
-



Html Pages

1 2 3 4 5 6 7 8 9 10