Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PYA28HC256 Fiches technique(PDF) 8 Page - Pyramid Semiconductor Corporation

No de pièce PYA28HC256
Description  Access Times of 70, 90 and 120ns Software Data Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PYRAMID [Pyramid Semiconductor Corporation]
Site Internet  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28HC256 Fiches technique(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button PYA28HC256 Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 10Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 11Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 12Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PYA28HC256 - HIGH SPEED 32K x 8 EEPROM
Page 8
Document # EEPROM106 REV 03
TIMIng WAVEFORM OF PAgE WRITE CYCLE
nOTES:
• For each successive write within the page write operation, A
6-A14 should be the same. Otherwise, writes to an un-
known address could occur.
• Between successive byte writes within a page write operation, OE can be strobed LOW. For example, this can be
done with CE and WE HIGH to fetch data from another memory device within the system for the next write. Alterna-
tively, this can be done with WE HIGH and CE LOW, effectively performing a polling operation.
• the timings shown above are unique to page write operations. Individual byte load operations within the page write
must conform to either the CE or WE controlled write cycle timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15