Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFG35 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BFG35
Description  NPN 4 GHz wideband transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG35 Fiches technique(HTML) 2 Page - NXP Semiconductors

  BFG35_15 Datasheet HTML 1Page - NXP Semiconductors BFG35_15 Datasheet HTML 2Page - NXP Semiconductors BFG35_15 Datasheet HTML 3Page - NXP Semiconductors BFG35_15 Datasheet HTML 4Page - NXP Semiconductors BFG35_15 Datasheet HTML 5Page - NXP Semiconductors BFG35_15 Datasheet HTML 6Page - NXP Semiconductors BFG35_15 Datasheet HTML 7Page - NXP Semiconductors BFG35_15 Datasheet HTML 8Page - NXP Semiconductors BFG35_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1999 Aug 24
2
NXP Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFG35
DESCRIPTION
NPN planar epitaxial transistor
mounted in a plastic SOT223
envelope, intended for wideband
amplifier applications. It features high
output voltage capabilities.
PINNING
PIN
DESCRIPTION
1emitter
2base
3emitter
4
collector
Fig.1 SOT223.
lfpage
4
123
MSB002 - 1
Top view
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEO
collector-emitter voltage
open base

18
V
IC
DC collector current

150
mA
Ptot
total power dissipation
up to Ts =135 C (note 1)

1W
hFE
DC current gain
IC =100 mA; VCE =10V; Tj =25 C25
70
fT
transition frequency
IC =100 mA; VCE =10V;
f= 500MHz; Tamb =25 C
4
GHz
GUM
maximum unilateral power gain IC =100 mA; VCE =10V;
f= 500MHz; Tamb =25 C
15
dB
IC =100 mA; VCE =10V;
f= 800MHz; Tamb =25 C
11
dB
Vo
output voltage
IC =100 mA; VCE =10V;
dim = 60 dB; RL =75 ;
f(p+qr) = 793.25 MHz; Tamb =25 C
750
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
25
V
VCEO
collector-emitter voltage
open base
18
V
VEBO
emitter-base voltage
open collector
2V
IC
DC collector current
150
mA
Ptot
total power dissipation
up to Ts =135 C (note 1)
1W
Tstg
storage temperature
65
+150
C
Tj
junction temperature
175
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com