| Moteur de recherche de fiches techniques de composants électroniques |
|
IRF7809AVPBF-1 Fiches technique(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF7809AVPBF-1 Fiches technique(HTML) 8 Page - International Rectifier |
|
8 / 8 page ![]() 8 www.irf.com © 2014 International Rectifier Submit Datasheet Feedback June 23, 2014 IRF7809AVPbF-1 330.00 (12.992) MAX. 14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541. FEED DIRECTION TERMINAL NUMBER 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541. SO-8 Tape and Reel (Dimensions are shown in milimeters (inches) Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ † Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability †† Applicable version of JEDEC standard at the time of product release MS L1 (per JEDEC J-S TD-020D †† ) RoHS compliant Yes Qualification information † Qualification level Industrial (per JEDEC JES D47F †† guidelines) Moisture Sensitivity Level SO-8 IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA To contact International Rectifier, please visit http://www.irf.com/whoto-call/ |