| Moteur de recherche de fiches techniques de composants électroniques |
|
RF5620 Fiches technique(PDF) 4 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF5620 Fiches technique(HTML) 4 Page - RF Micro Devices |
|
4 / 8 page ![]() 4 of 8 RF5620 Proposed Prelim DS110311 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. Pin Out Pin Function Description 1 VTX1 Logic controller for TX 2 RX1 RF RX port 1 - internally matched to 50 and DC blocked 3 VRX1A Logic control for RX 4 VRX1B Logic control for RX 5 ANT1 RF output port 1 - internally matched to 50 and DC blocked 6 NC No internal connection (connect to GND recommended) 7 NC No internal connection (connect to GND recommended) 8 ANT2 RF output port 2 - internally matched to 50 and DC blocked 9 VRX2B Logic control for RX 10 VRX2A Logic control for RX 11 RX2 RF RX port 2 - internally matched to 50 and DC blocked 12 VTX2 Logic control for TX 13 GND Ground connection 14 TX RF TX port - internally matched to 50 and DC blocked 15 NC No internal connection (connect to GND recommended) 16 GND Ground connection Pkg Base GND Ground connection - the backside of the package should be connected to the ground plane through as short a connection as possible (PCB vias under the device are recommended) VRX2B VTX1 RX1 VRX2A 1 2 3 4 12 11 10 9 16 15 14 VRX1A VRX1B 5 6 7 8 VTX2 13 RX2 |