| Moteur de recherche de fiches techniques de composants électroniques |
|
RF5570 Fiches technique(PDF) 9 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF5570 Fiches technique(HTML) 9 Page - RF Micro Devices |
|
9 / 9 page ![]() 9 of 9 RF5570 DS110527 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. RF5570 Performance Plots Frequency (MHz) -30 -28 -26 -24 -22 -20 2400 2450 2500 Frequency (MHz) RF5570: ANTENNA to RF1 ISOLATION vs. Frequency (RF2 Mode: VRF2=2.8v; VRF1=VRF3=0v) + 25 C -40 C + 85 C -30 -28 -26 -24 -22 -20 2400 2450 2500 Frequency (MHz) RF5570: RF2 to RF3 ISOLATION vs. Frequency (RF2 Mode: VRF2=2.8v; VRF1=VRF3=0v) + 25 C -40 C + 85 C -30 -28 -26 -24 -22 -20 2400 2450 2500 Frequency (MHz) RF5570: RF3 to RF2 ISOLATION vs. Frequency (RF3 Mode: VRF3=2.8v; VRF1=VRF2=0v) + 25 C -40 C + 85 C -30 -28 -26 -24 -22 -20 2400 2450 2500 Frequency (MHz) RF5570: RF3 to RF1 ISOLATION vs. Frequency (RF3 Mode: VRF3=2.8v; VRF1=VRF2=0v) + 25 C -40 C + 85 C -30 -28 -26 -24 -22 -20 2400 2450 2500 Frequency (MHz) RF5570: ANTENNA to RF1 ISOLATION vs. Frequency (RF3 Mode: VRF3=2.8v; VRF1=VRF2=0v) + 25 C -40 C + 85 C |