| Moteur de recherche de fiches techniques de composants électroniques |
|
IRF3709ZPBF Fiches technique(PDF) 12 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF3709ZPBF Fiches technique(HTML) 12 Page - International Rectifier |
|
12 / 13 page ![]() IRF3709Z/S/LPbF 12 www.irf.com Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 6/04 Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25°C, L = 0.42mH, RG = 25Ω, IAS = 17A. Pulse width ≤ 400µs; duty cycle ≤ 2%. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
This is applied to D2Pak, when mounted on 1" square PCB (FR- 4 or G-10 Material). For recommended footprint and soldering techniques refer to application note #AN-994. Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 42A. Rθ is measured at TJ of approximately 90°C. 3 4 4 TRR FEED DIRECTION 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) TRL FEED DIRECTION 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) MAX. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) MIN. 30.40 (1.197) MAX. 26.40 (1.039) 24.40 (.961) NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. D2Pak Tape & Reel Infomation Dimensions are shown in millimeters (inches) |