| Moteur de recherche de fiches techniques de composants électroniques |
|
DLG3416 Fiches technique(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
DLG3416 Fiches technique(HTML) 6 Page - OSRAM GmbH |
|
6 / 11 page ![]() 2006-01-23 6 DLR3416, DLO3416, DLG3416 Internal Block Diagram IDBD5066 RAM Read Logic D0 D1 D2 D3 D4 D6 D5 Memory RAM 4 x 7 bit Cursor 4 x 1 bit Memory Write Address Decoder A0 WR A1 Address Lines Row Decoder ROM ASCII 128 x 35 bit Character Decode 4480 bits 7-bit ASCII Code Column Latches and Enable Column Data Row Drivers & Row Control Logic OSC 128 Counter Counter 7 Rows 0 to 6 3 2 1 0 Timing and Control Logic BL CUE Columns 0 to 19 Display Cursor Memory Bits 0 to 3 Drivers Column |