Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLR3416 Fiches technique(PDF) 9 Page - OSRAM GmbH

No de pièce DLR3416
Description  Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLR3416 Fiches technique(HTML) 9 Page - OSRAM GmbH

Back Button DLR3416 Datasheet HTML 3Page - OSRAM GmbH DLR3416 Datasheet HTML 4Page - OSRAM GmbH DLR3416 Datasheet HTML 5Page - OSRAM GmbH DLR3416 Datasheet HTML 6Page - OSRAM GmbH DLR3416 Datasheet HTML 7Page - OSRAM GmbH DLR3416 Datasheet HTML 8Page - OSRAM GmbH DLR3416 Datasheet HTML 9Page - OSRAM GmbH DLR3416 Datasheet HTML 10Page - OSRAM GmbH DLR3416 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DLR3416, DLO3416, DLG3416
2006-01-23
9
Character Set
Notes:
1. High=1 level
2. Low=0 level
3. Upon power up, the device will initialize in a random state.
Typical Schematic, 16-Character System
IDCS5087
ASCII
CODE
D0
D1
D2
D3
HEX
D4
D5
D6
000
0
1
1
0
0
2
01 0
3
01
1
4
10
0
5
10
1
6
11 0
7
111
0
0
0
0
0
1
0
0
1
0
2
0
0
0
1
3
0
0
1
1
4
0
1
0
0
5
0
1
1
0
6
0
1
0
1
7
0
1
1
1
8
1
0
0
0
9
1
0
1
0
A
1
0
0
1
B
1
0
1
1
C
1
1
0
0
D
1
1
1
0
E
1
1
0
1
F
1
1
1
1
IDCD5038
D15
D12 D11
D7
D3
D8
D4
D0
V
+
GND
7
14
BL
D0-DL
CLR
WR
CU
CUE
A1
A0
A3
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11