Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT6296F Fiches technique(PDF) 11 Page - Richtek Technology Corporation

No de pièce RT6296F
Description  The RT6296F is a high-efficiency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296F Fiches technique(HTML) 11 Page - Richtek Technology Corporation

Back Button RT6296F Datasheet HTML 4Page - Richtek Technology Corporation RT6296F Datasheet HTML 5Page - Richtek Technology Corporation RT6296F Datasheet HTML 6Page - Richtek Technology Corporation RT6296F Datasheet HTML 7Page - Richtek Technology Corporation RT6296F Datasheet HTML 8Page - Richtek Technology Corporation RT6296F Datasheet HTML 9Page - Richtek Technology Corporation RT6296F Datasheet HTML 10Page - Richtek Technology Corporation RT6296F Datasheet HTML 11Page - Richtek Technology Corporation RT6296F Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT6296F
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6296F-00
January
2015
www.richtek.com
11
Figure 3. Derating Curve of Maximum Power
Dissipation
Layout Considerations
For best performance of the RT6296F, the following
layout guidelines must be strictly followed.
Input capacitor must be placed as close to the IC as
possible.
SW should be connected to inductor by wide and
short trace. Keep sensitive components away from
this trace.
Keep every trace connected to pin as wide as
possible for improving thermal dissipation.
SW
VOUT
R1
R2
CIN
CIN COUT
COUT
SW should be connected to inductor by Wide and
short trace. Keep sensitive components away from
this trace. Suggestion layout trace wider for thermal.
Via can help to reduce
power trace and improve
thermal dissipation.
The feedback components
must be connected as close
to the device as possible.
VOUT
GND
PG
SW
FB
EN/SYNC
BOOT
VIN
PVCC
GND
Css
Input capacitor must be placed as close
to the IC as possible. Suggestion layout
trace wider for thermal.
PVCC
Figure 3. PCB Layout Guide
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12