Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VOF-10-5 Fiches technique(PDF) 3 Page - CUI INC

No de pièce VOF-10-5
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

VOF-10-5 Fiches technique(HTML) 3 Page - CUI INC

  VOF-10-5 Datasheet HTML 1Page - CUI INC VOF-10-5 Datasheet HTML 2Page - CUI INC VOF-10-5 Datasheet HTML 3Page - CUI INC VOF-10-5 Datasheet HTML 4Page - CUI INC VOF-10-5 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VOF-10 │ DESCRIPTION: AC-DC POWER SUPPLY
date
08/21/2012 │ page 3 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.56 x 1.77 x 1.04 (65 x 45 x 26.5 mm)
inch
cooling method
free air convection (see derating curve below)
DERATING CURVES
MOUNTING METHOD
Horizontal
(performance evaluations conducted under this mounting method)
For more information, please visit the product page.



Html Pages

1 2 3 4 5