| Moteur de recherche de fiches techniques de composants électroniques |
|
MA4M Fiches technique(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MA4M Fiches technique(HTML) 4 Page - Tyco Electronics |
|
4 / 4 page ![]() M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 www.macom.com AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice. MNS Microwave Chip Capacitors MA4M Series V3.00 Bonding and Handling Considerations for MNS Chip Capacitors Handling Normal precautions that are common to the handling of hybrid semiconductors also apply to MNS chip capacitors. Removal of chips from waffle packs and subsequent handling should be done with a vacuum pencil. Pencils equipped with either metal- lic or nonmetallic tips are acceptable. Surface Preparation Each MNS chip and substrate should be free of oils and other surface contamination. Such contaminants may result in poor solder wetting. Cleansing can be done with acetone, alcohol, freon, TMS or other common microelectronic solvents. Bur- nishing of MNS capacitor chips is not necessary or recom- mended. Solder Soldering temperatures up to 300ºC are acceptable for a duration not greater than 5 seconds for MNS chip capacitors. Any of the common tin-lead-silver, lead-indium, or higher temperature gold alloy solders are acceptable provided that the 300ºC temperature is not exceeded. Pure tin or tin-antimony solders are not recommended. Cleaning of residual flux is required and can be accomplished with a fluorinated or chlorinated solvent. Conductive Epoxy Any of the conductive epoxies that are available for semicon- ductor die attachment are acceptable for MNS chip capacitor attachment. Follow the manufacturer’s recommendations for mixing and application carefully. Take care to seat the capacitor on the substrate using a soft implement. Lead Bonding Ball, ultrasonic, TC or pulse bonding of the wire or ribbon leads are all acceptable methods. Temperature for the pulse bonder should not exceed 300ºC. Maximum pressure applied to the MNS capacitor chips should not exceed 25 grams for any of the methods used. Proper procedure will result in bond strength that exceeds MIL-STD-883B Method 2011.2 for gold wire or gold ribbon. |