Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2000 Fiches technique(PDF) 45 Page - Linear Technology

No de pièce LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Fiches technique(HTML) 45 Page - Linear Technology

Back Button LTC2000_15 Datasheet HTML 41Page - Linear Technology LTC2000_15 Datasheet HTML 42Page - Linear Technology LTC2000_15 Datasheet HTML 43Page - Linear Technology LTC2000_15 Datasheet HTML 44Page - Linear Technology LTC2000_15 Datasheet HTML 45Page - Linear Technology LTC2000_15 Datasheet HTML 46Page - Linear Technology LTC2000_15 Datasheet HTML 47Page - Linear Technology LTC2000_15 Datasheet HTML 48Page - Linear Technology LTC2000_15 Datasheet HTML 49Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
LTC2000
45
2000f
For more information www.linear.com/LTC2000
pin locations (ltc2000-16)
LTC2000-16 BGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
GND
B1
GND
C1
AVDD18
D1
AVDD18
E1
AVDD18
F1
GND
A2
CKN
B2
GND
C2
AVDD18
D2
AVDD18
E2
AVDD18
F2
GND
A3
CKP
B3
GND
C3
AVDD18
D3
AVDD18
E3
DVDD18
F3
GND
A4
GND
B4
GND
C4
AVDD18
D4
DVDD18
E4
DVDD18
F4
GND
A5
DVDD18
B5
DVDD18
C5
DVDD18
D5
DVDD18
E5
DVDD18
F5
GND
A6
GND
B6
GND
C6
GND
D6
GND
E6
GND
F6
GND
A7
DAN15
B7
DAN14
C7
DAN13
D7
DAN12
E7
DAN11
F7
DAN10
A8
DAP15
B8
DAP14
C8
DAP13
D8
DAP12
E8
DAP11
F8
DAP10
A9
DBN15
B9
DBN14
C9
DBN13
D9
DBN12
E9
DBN11
F9
DBN10
A10
DBP15
B10
DBP14
C10
DBP13
D10
DBP12
E10
DBP11
F10
DBP10
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
GND
H1
IOUTP
J1
IOUTN
K1
GND
L1
GND
M1
REFIO
G2
GND
H2
GND
J2
GND
K2
GND
L2
GND
M2
FSADJ
G3
GND
H3
GND
J3
GND
K3
GND
L3
GND
M3
GND
G4
GND
H4
GND
J4
GND
K4
GND
L4
GND
M4
AVDD33
G5
GND
H5
GND
J5
GND
K5
GND
L5
GND
M5
DVDD33
G6
GND
H6
GND
J6
GND
K6
GND
L6
GND
M6
GND
G7
DAN9
H7
DAN8
J7
DCKON
K7
DAN7
L7
DAN6
M7
DAN5
G8
DAP9
H8
DAP8
J8
DCKOP
K8
DAP7
L8
DAP6
M8
DAP5
G9
DBN9
H9
DBN8
J9
DCKIN
K9
DBN7
L9
DBN6
M9
DBN5
G10
DBP9
H10
DBP8
J10
DCKIP
K10
DBP7
L10
DBP6
M10
DBP5
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
N1
GND
P1
AVDD33
Q1
AVDD33
R1
GND
S1
PD
N2
GND
P2
AVDD33
Q2
AVDD33
R2
GND
S2
CS
N3
GND
P3
AVDD33
Q3
AVDD33
R3
TSTN
S3
SDO
N4
AVDD33
P4
AVDD33
Q4
AVDD33
R4
TSTP
S4
SDI
N5
DVDD33
P5
DVDD33
Q5
DVDD33
R5
GND
S5
SCK
N6
GND
P6
GND
Q6
GND
R6
GND
S6
SVDD
N7
DAN4
P7
DAN3
Q7
DAN2
R7
DAN1
S7
DAN0
N8
DAP4
P8
DAP3
Q8
DAP2
R8
DAP1
S8
DAP0
N9
DBN4
P9
DBN3
Q9
DBN2
R9
DBN1
S9
DBN0
N10
DBP4
P10
DBP3
Q10
DBP2
R10
DBP1
S10
DBPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52