Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RFFC2072ATR13 Fiches technique(PDF) 22 Page - RF Micro Devices

No de pièce RFFC2072ATR13
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2072ATR13 Fiches technique(HTML) 22 Page - RF Micro Devices

Back Button RFFC2072ATR13 Datasheet HTML 14Page - RF Micro Devices RFFC2072ATR13 Datasheet HTML 15Page - RF Micro Devices RFFC2072ATR13 Datasheet HTML 16Page - RF Micro Devices RFFC2072ATR13 Datasheet HTML 17Page - RF Micro Devices RFFC2072ATR13 Datasheet HTML 18Page - RF Micro Devices RFFC2072ATR13 Datasheet HTML 19Page - RF Micro Devices RFFC2072ATR13 Datasheet HTML 20Page - RF Micro Devices RFFC2072ATR13 Datasheet HTML 21Page - RF Micro Devices RFFC2072ATR13 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22 of 22
RFFC2071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
RFFC2071A
RFFC2072A
Part Number
Description
Devices/Container
RFFC2071ASB
32-pin QFN
5-Piece sample bag
RFFC2071ASQ
32-pin QFN
25-Piece sample bag
RFFC2071ASR
32-pin QFN
100-Piece reel
RFFC2071ATR7
32-pin QFN
750-Piece reel
RFFC2071ATR13
32-pin QFN
2500-Piece reel
DKFC2071A
Complete Design Kit
1 Box
Part Number
Description
Devices/Container
RFFC2072ASB
32-pin QFN
5-Piece sample bag
RFFC2072ASQ
32-pin QFN
25-Piece sample bag
RFFC2072ASR
32-pin QFN
100-Piece reel
RFFC2072ATR7
32-pin QFN
750-Piece reel
RFFC2072ATR13
32-pin QFN
2500-Piece reel
DKFC2072A
Complete Design Kit
1 Box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22