Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS92B Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CS92B
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS92B Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CS92B Datasheet HTML 1Page - Central Semiconductor Corp CS92B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
MAX
MIN
MAX
A (DIA)
0.175
0.205
4.45
5.21
B
0.170
0.210
4.32
5.33
C
0.500
-
12.70
-
D
0.016
0.022
0.41
0.56
E
F
G
0.125
0.165
3.18
4.19
H
0.080
0.105
2.03
2.67
I
TO-92 (REV: R1)
0.015
0.38
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
0.100
2.54
0.050
1.27
Central
Semiconductor Corp.
TM
TO-92 CASE - MECHANICAL OUTLINE
CS92B
CS92D
CS92M
CS92N
SILICON CONTROLLED RECTIFIER
0.8 AMP, 200 THRU 800 VOLTS
R3 (22-April 2004)
LEAD CODE:
1) CATHODE
2) GATE
3) ANODE
MARKING CODE:
FULL PART NUMBER



Html Pages

1 2