| Moteur de recherche de fiches techniques de composants électroniques |
|
RFAM3790 Fiches technique(PDF) 4 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RFAM3790 Fiches technique(HTML) 4 Page - RF Micro Devices |
|
4 / 7 page ![]() RF Micro Devices Inc. 7628 Thorndike Road, Greensboro, NC 27409-9421 DS140820 For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com. The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice. 4 of 7 RFAM3790 Evaluation Board Assembly Drawing Note: The ground plane of the RFAM3790 module should be soldered onto a board equipped with as many thermal vias as possible. Underneath this thermal via array a heat sink with thermal grease needs to be placed which is able to dissipate the complete module DC power. In any case the module backside temperature should not exceed 100°C. D1 D4 D3 D2 EVALUATION-BOARD RFAM2790 ED A533 C4 C8 R1 C7 C1 C2 C3 C6 Fb1 C5 C9 TR3 TR2 TR1 ADJUST J1 J2 V+ POWER ENABLE ATT GND RF_OUT RF_IN RFAM3790PCBA-410 |