| Moteur de recherche de fiches techniques de composants électroniques |
|
RF7413 Fiches technique(PDF) 6 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF7413 Fiches technique(HTML) 6 Page - RF Micro Devices |
|
6 / 7 page ![]() 6 of 7 RF7413 DS111206 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. PCB Design Requirements PCB Surface Finish The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is 3 inch to 8 inch gold over 180inch nickel. PCB Land Pattern Recommendation PCB land patterns for RFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern shown has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to accommodate lead and package tolerances. Since surface mount processes vary from company to company, careful process development is recommended. PCB Metal Land Pattern Figure 1. PCB Metal Land Pattern (Top View) |