| Moteur de recherche de fiches techniques de composants électroniques |
|
RF5521 Fiches technique(PDF) 10 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
RF5521 Fiches technique(HTML) 10 Page - RF Micro Devices |
|
10 / 10 page ![]() 10 of 10 RF5521 DS130715 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com. -2.0 -1.5 -1.0 -0.5 0.0 2400 2450 2500 BT IL (dB) Frequency (MHz) RF5521: BLUETOOTH MODE INSERTION LOSS versus FREQUENCY and TEMPERATURE (Vdd=3.3v, C_BT=2.8v, C_RX=0v, C_TX=0v) BT IL (-10 C) BT IL (+25C) BT IL (+70 C) -35 -30 -25 -20 -15 2400 2450 2500 TX-RX ISO (dB) Frequency (MHz) RF5521: TRANSMIT TO RECEIVE ISOLATION versus FREQUENCY and TEMPERATURE (Vdd=3.3v, C_TX=2.8v, LNA_EN=0v, C_RX=0v, C_BT=0v) TX-RX Iso (-10 C) TX-RX Iso (+25C) TX-RX Iso (+70 C) -35 -30 -25 -20 2400 2450 2500 TX-BT ISO (dB) Frequency (MHz) RF5521: TRANSMIT TO BLUETOOTH ISOLATION versus FREQUENCY and TEMPERATURE (Vdd=3.3v, C_TX=2.8v, C_RX=0v, C_BT=0v) TX-BT Iso (-10 C) TX-BT Iso (+25C) TX-BT Iso (+70 C) |