Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF2051 Fiches technique(PDF) 39 Page - RF Micro Devices

No de pièce RF2051
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2051 Fiches technique(HTML) 39 Page - RF Micro Devices

Back Button RF2051 Datasheet HTML 31Page - RF Micro Devices RF2051 Datasheet HTML 32Page - RF Micro Devices RF2051 Datasheet HTML 33Page - RF Micro Devices RF2051 Datasheet HTML 34Page - RF Micro Devices RF2051 Datasheet HTML 35Page - RF Micro Devices RF2051 Datasheet HTML 36Page - RF Micro Devices RF2051 Datasheet HTML 37Page - RF Micro Devices RF2051 Datasheet HTML 38Page - RF Micro Devices RF2051 Datasheet HTML 39Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
39 of 39
RF2051
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
QFN, 32-Pin, 5mmx5mm
Support and Applications Information
Application notes and support material can be downloaded from the product web page: www.rfmd.com/rf205x.
Ordering Information
Part Number
Package
Quantity
RF2051
32-Pin QFN
25pcs sample bag
RF2051SB
32-Pin QFN
5pcs sample bag
RF2051SR
32-Pin QFN
100pcs reel
RF2051TR13
32-Pin QFN
2500pcs reel
DK2051
Complete Design Kit
1 box
0.08 C
0.1 C
-C-
0.85±0.10
Detail ‘D’
Rotated CW
Shaded area indicates pin 1.
Dimensions in mm.
0.00
0.05
SEATING
PLANE
-A-
-B-
5.00
5.000
3.70±0.10
0.1
C
M
A B
1
0.25 Typ.
0.1
C
M
A B
0.23±0.05
32x
1
0.1 C
0.85±0.10
SEE DETAIL ‘D’
See Detail ‘D’
0.35±0.05
32x
0.50 Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39