Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTB1A60 Fiches technique(PDF) 6 Page - SemiHow Co.,Ltd.

No de pièce HTB1A60
Description  4 Quadrants Sensitive TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMIHOW [SemiHow Co.,Ltd.]
Site Internet  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTB1A60 Fiches technique(HTML) 6 Page - SemiHow Co.,Ltd.

  HTB1A60 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTB1A60 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTB1A60 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTB1A60 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTB1A60 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTB1A60 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
◎ SEMIHOW REV.A1,March 2013
P
P2
F1
F2
P1
D0
Item
Symbol
Dimension [mm]
Reference
Tolerance
Component pitch
P
12.7
±0.5
Side lead to center of feed hole
P1
3.85
±0.5
Center lead to center of feed hole
P2
6.35
±0.5
Lead pitch
FI,F2
2.5
+0.2/-0.1
Carrier Tape width
W
18.0
+1.0/-0.5
Adhesive tape width
W0
6.0
±0.5
Tape feed hole location
W1
9.0
±0.5
Adhesive tape position
W2
1.0 MAX
Center of feed hole to bottom of component
H
19.5
±1
Center of feed hole to lead form
H0
16.0
±0.5
Component height
H1
27.0 max
Tape feed hole diameter
D0
4.0
±0.2
TO-92 TAPING
Package Dimension



Html Pages

1 2 3 4 5 6