| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD9930 Fiches technique(PDF) 39 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD9930 Fiches technique(HTML) 39 Page - NEC |
|
39 / 78 page ![]() µPD9930 39 Table 4-4 Function Specification by Digital Signal Processing Control Register Register address DSPCR HEXNote D7 D6 D5 D4 D3 D2 D1 D0 M L 0 1100000 Note 2 Note 3 60H 06H At reset 0001 Note 2 Voice receive signal output 61H 86H 0010 Inhibiting command — — 0011 Inhibiting command — — 0100 Note 2 Tone output 64H 26H 0101 Note 2 Voice receive signal + tone output 65H A6H 0110 Tone output Tone output 66H 66H 0111 Tone output Voice receive signal + tone output 67H E6H 1000 Inhibiting command — — 1001 Inhibiting command — — 1010 Voice send signal output Note 3 6AH 56H 1011 Voice send signal output Voice receive signal output 6BH D6H 1100 Inhibiting command — — 1101 Inhibiting command — — 1110 Voice send signal output Tone output 6EH 76H 1111 Voice send signal output Voice receive signal + tone output 6FH F6H Notes 1. M: HEX value with MSB first L: HEX value with LSB first 2. Stops voice send data processing and serial output. 3. Stops voice receive data serial input and tone output. Serial output control Control of output to D/A Remarks |