Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED660N-66-60 Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH

No de pièce LED660N-66-60
Description  High Power LED Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED660N-66-60 Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED660N-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED660N-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED660N-66-60 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
25.04.2012
LED660N-66-60
2 of 3
Typical Performance Curves
Forward Current – Forward Voltage
Radiant Intensity – Forward Current
Allowable Power Dissipation –
Ambient Temperature
Allowed Forward Current –
Ambient Temperature Relative
Precaution for Use
1.
Cautions
•
This high power LED must be cooled!
•
DO NOT look directly into the emitting area of the LED during operation!
2.
Soldering Conditions
•
DO NOT apply any stress to the lead particularly when heat.
•
After soldering the LEDs should be protected from mechanical shock or vibration until the LEDs return
to room temperature.
•
When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the
mechanical stress on the LEDs.
3.
Static Electricity
•
The LEDs are very sensitive to Static Electricity and surge
voltage. So it is recommended that a wrist band and/or an anti-
electrostatic glove be used when handling the LEDs.
•
All devices, equipment and machinery must be grounded properly.
It is recommended that precautions should be taken against surge
voltage to the equipment that mounts the LEDs.



Html Pages

1 2 3