| Moteur de recherche de fiches techniques de composants électroniques |
|
LS7031 Fiches technique(PDF) 4 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7031 Fiches technique(HTML) 4 Page - LSI Computer Systems |
|
4 / 4 page ![]() 1 2 4 8 BCD COUNTER R C 1 2 4 8 BCD COUNTER R C 1 2 4 8 BCD COUNTER R C 1 2 4 8 BCD COUNTER R C 1 2 4 8 BCD COUNTER R C 1 2 4 8 BCD COUNTER R C 4 BIT LATCH ST 4 BIT LATCH ST 4 BIT LATCH ST 4 BIT LATCH ST 4 BIT LATCH ST 4 BIT LATCH ST 4 BIT LATCH ST 4 BIT LATCH ST 1 2 4 8 B1 B2 B4 B8 B1 B2 B4 B8 B1 B2 B4 B8 B1 B2 B4 B8 B1 B2 B4 MUX GATE G B8 DATA OUTPUT BUFFER D6 OUTPUT D7 OUTPUT D8 OUTPUT OVFLW F/F OVERFLOW INPUT 1 BIT LATCH BCD DATA OUTPUT BLANK OUT Vss VGG VDD OVERFLOW OUTPUT ST BLANKING F/F S R Q C R NZ 8 DIGIT STROBE OUTPUTS OUTPUT BUFFERS 8 STATE STATIC SCAN COUNTER & DECODED LSD MSD R C OSCILLATOR OR BUFFER SCAN RESET INPUT (RESET TO MSD) FIGURE 4. LS7031 BLOCK DIAGRAM OSC. INPUT SCAN INPUT 2 1 3 4 5 6 7 8 RESET INPUT LOAD LATCH INPUT 1 2 4 8 MUX GATE G 1 2 4 8 MUX GATE G 1 2 4 8 MUX GATE G 1 2 4 8 MUX GATE G 1 2 4 8 MUX GATE G 1 2 4 8 MUX GATE G 1 2 4 8 MUX GATE G 22 40 39 LSD MSD DECIMAL POINT INPUT 10 27 26 23 11 12 13 14 15 16 21 9 8 7 6 5 4 3 2 1 B1 B2 B4 B8 B1 B2 B4 B8 DIGIT ONE DIGIT TWO 31 30 29 28 37 36 34 33 B1 B2 B4 B8 20 19 18 17 |