Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD98404 Fiches technique(PDF) 2 Page - NEC

No de pièce UPD98404
Description  ADVANCED ATM SONET FRAMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD98404 Fiches technique(HTML) 2 Page - NEC

  UPD98404 Datasheet HTML 1Page - NEC UPD98404 Datasheet HTML 2Page - NEC UPD98404 Datasheet HTML 3Page - NEC UPD98404 Datasheet HTML 4Page - NEC UPD98404 Datasheet HTML 5Page - NEC UPD98404 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet S11822EJ4V0DS00
2
µµµµPD98404
•
Provides abundant OAM (Operation and Maintenance) functions
Transmit side
•
Transmission of various alarm data
* Source-triggered automatic loopback transmission
Line RDI, Path RDI
Line REI, Path REI
* Command-specified transmission
Line AIS, Path AIS
•
Pseudo error generation frame transmit functions
LOS generated frame
OOF, LOF generated frame
LOP generated frame
OCD, LCD generated frame
B1 error generated frame
B2 error generated frame
B3 error generated frame
Receive side
•
Detection of alarm and fault signals
LOS (Loss Of Signal)
OOF (Out Of Frame)
LOF (Loss Of Frame)
LOP (Loss Of Pointer)
OCD (Out of Cell Delineation)
LOC (Loss Of Cell delineation)
Line RDI, Path RDI
Line AIS, Path AIS
•
Detection and display of quality loss sources
B1 error, B2 error, B3 error,
Line REI, Path-REI
•
On-chip error counters
B1 byte error counter (16-bit)
B2 byte error counter (20-bit)
B3 byte error counter (16-bit)
Line REI error counter (20-bit)
Path REI error counter (16-bit)
Rx Frequency justification processing counter (12-bit)
HEC error drop cell counter (20-bit)
FIFO overflow drop cell counter (20-bit)
Idle cell counter (20-bit)
ORDERING INFORMATION
Part number
Package
µPD98404GJ-KEU
144-pin plastic QFP (fine pitch) (20
× 20 mm)



Html Pages

1 2 3 4 5 6