Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V440MC02-LF Fiches technique(PDF) 2 Page - Z-Communications, Inc

No de pièce V440MC02-LF
Description  Voltage-Controlled Oscillator Surface Mount Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZCOMM [Z-Communications, Inc]
Site Internet  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

V440MC02-LF Fiches technique(HTML) 2 Page - Z-Communications, Inc

  V440MC02-LF Datasheet HTML 1Page - Z-Communications, Inc V440MC02-LF Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tuning Curve, typ.
280
300
320
340
360
380
400
420
440
460
480
500
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
°C
°C
°C
TUNING VOLTAGE (Vdc)
Power Curve, typ.
Footprint
Voltage-Controlled Oscillator
Surface Mount Module
V440MC02-LF
A1
Rev
0.030 MIN. CUTBACK
FROM LIVE PADS
RECOMMENDED FOOTPRINT
SEVERAL HOLES OF
0.015 ON
GND. PLANE ARE RECOMMENDED
FOR GOOD GROUNDING.
O
°C
°C
°C
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 2 of 2
FRM-S-002 B
-40
85
25
-40
85
25
3
4
5
6
7
8
9
10
11
300
320
340
360
380
399
419
439
459
482
FREQUENCY (MHz)
Z-COMM
XXXXXXXX-LF
W/O#
D/C
PACKAGE
H
MINI-14S
0.220
0.160
MINI-14S-LOW
0.130
MINI-14S-L
NOTE: ALL DIMENSIONS ARE IN INCHES
TOL: XXX: +/- 0.010
PIN CONFIGURATION
P1
Vt
P2
RF OUT
P3
Vcc
REST
GROUND
Physical Dimensions



Html Pages

1 2